Part Number Hot Search : 
3S132 ASM161 LM1101N5 10N65KL FSUSB 650NUX HFM101 MA300RW
Product Description
Full Text Search
 

To Download PCSB250-5-4Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  "n" plcs l .42 .67 (typ.) "n" plcs a (typ.) .67 .42 1.56 1.36 clamping screw access port (typ.) conductor port (typ.) jhnu added csa symbol pcsb250 series 08/99 ms c41571_04 rls 03 jhnu 11/09 1.5:1 rev date by chk description ecn -r sup corp. tinley park, illinois multi-tap insulated connectors 04 inches, third angle projection scale drawing no / cad file all dimensions are given in size dwg unless otherwise specified, 2/11 fld fld angles drawn by chk'd mat'l: b date (.xx) (.xxx) above this copy is provided on a restricted basis and is not to be used in any way detrimental to the intere sts of panduit corp. note 1 added hex key size to table jhnu n41571bb-c41571 unless otherwise specified dimensional tolerances are: (.x) see revised note 3: .88 was .56 jhnu listed 13. package qty: -12 = 12 pcs. -6 = 6 pcs. -4 = 4 pcs. 14. this part is rohs compliant. notes: 1. ul486a-ul486b listed, dual rated cu9al for alu minum or copper conductors. meets or exceeds ansi c 119.4 2. see table for wire range. 3. strip length: .88 +.06/-0 4. for tightening torque see table 5. voltage rating: 600 v. max. building wire, 1000 v. max. in signs & fixtures. 6. temperature rating: 90 c (cu9al). 7. connector block body are made from aluminum. conductor ports in connector block are prefilled with an oxide-inhibiting compou nd. 8. connector to include tin plated aluminum clamp ing screws for each conductor port. 9. insulation material is clear pvc. 10. clamping screw access ports and all wire entry ports are provided with removable plastic closure plug s. 11. all dimensions shown are nominal. 12. only one conductor per port allowed. three port connector block shown with plastic closure plugs removed. see table for dimensions of parts with additional ports certified panduit finished goods p/n conductor range hex key screw qty. cap (screw port) qty. cap (wire port) qty. a l n tightening torque pcsb250-2-6y 5/16 2 2 4 2.03 1.781 2 pcsb250-3-6y 5/16 3 3 6 2.97 2.718 3 pcsb250-4-6y 5/16 4 4 8 3.91 3.656 4 PCSB250-5-4Y 5/16 5 5 10 4.84 4.593 5 pcsb250-6-4y 5/16 6 6 12 5.78 5.531 6 pcsb250-8-3y 5/16 8 8 16 7.66 7.406 8 pcsb250-10-2y 5/16 10 10 20 9.53 9.281 10 pcsb250-12-2y 5/16 12 12 24 11.41 11.156 12 pcsb250-14-1y 5/16 14 14 28 13.28 13.031 14 250 kcmil - # 10 str 275 in/lb 250 kcmil - # 10 str


▲Up To Search▲   

 
Price & Availability of PCSB250-5-4Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X